Part Number Hot Search : 
TFS140X 03QTQ LR371 1N6615 H32768 TFS140X N8253 CR3203AB
Product Description
Full Text Search
 

To Download GS-SH-203D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet page 1 of the enclosed information is believed to be correct, information may change  without notice  due to product improvement. users sh ould ensure that the product is suitable for their use. e. & o. e. revision a 20 / 02 / 2007 sales: 01206 751166 technical: 01206 835555 fax: 01206 751188 sales@rapidelec.co.uk tech@rapidelec.co.uk www.rapidonline.com best sellers best sellers best sellers best sellers best sellers order code order code order code order code manufacturer code manufacturer code manufacturer code manufacturer code description description description description 60-4690 gs-sh-205d 5v gs-d series 1a dpdt relay (rc) 60-4690 gs-sh-205d 5v gs-d series 1a dpdt relay (rc) 60-4692 gs-sh212d 12v gs-d series 1a dpdt relay rc 60-4694 gs-sh-224d 24v gs-d series 1a dpdt relay rc 3
gs good sky electric co., ltd. page : 1/ 2 main feature 1. 92/8 gold silver alloy on silver palladium contact type is suitable for low level switching application. 2. small size and light weight can provide high density p. c . b o a r d m o u n t i n g . 3. 2.54gmm terminal pitch. 4. low coil power consumption of gs-t type and high coil power consumption of gs-d type are available to meet user?s selection. 5. employment of suitable pl astic materials to be applied to high temperature and various chemical solution. 6. plastic epoxy resin sealed type for washing procedure. application telecommunication, domestic appliances, office machine, audio equipment, remote control, etc. contact rating nominal load (resistive load cos =1) contact capacity ..................1a at 120vac. 2a at 24vdc. rated carrying current ........2a. max. allowable current .......2a. max. allowable voltage ........ac 120v, dc 24v. max. allowable power force.50 va, 30w. min. switching load .............dc 1v, 1ma. contact material ....................ag alloy. contact form..........................dpdt. performance (at initial value) contact resistance................100m ? max.@100ma,6vdc operate time.........................gs-d 6 msec. max. gs-t 8 msec. max release time ..........................4 msec. max. dielectric strength : between coil & contact........1,000vac at 50/60 hz for one minute. between contacts ..................500vac at 50/60 hz for one minute. surge resistance .....................1,500v (between coil & contact 1.2x50 sec.) insulation resistance ............100 mega ? min. at 500vdc. max. on/off switching : electrical.................................. 30 ops per minute. mechanical.............................. 300 ops per minute. temperature range ................ -30 ? 80 c humidity range..................... 45 ? 85% rh. coil temperature rise............ 25 c max. (d type) 20 c max. (t type) vibration : endurance ............................... 10 to 55 hz dual amplitude width 1.5mm. error operation ...................... 10 to 55 hz dual amplitude width 1.5mm. shock : endurance ............................. 1,000 m/s 2 min. error operation ...................... 100 m/s 2 min. life expectancy : mechanical ............................ 10 7 operations at no load condition. electrical ................................ 10 5 operations at rated resistive load. weight..................................... about 5.0 g. safety standard & its file number: c-ul........................................ e141060
gs good sky electric co., ltd. page : 2/ 2 coil specification (at 20 c) coil sensitivity nominal voltage (vdc) nominal current (ma) coil resistance ( ? 10%) power consumption (w) pull-in voltage (vdc) drop-out voltage (vdc) maximum allowable voltage (vdc) 3 120 25 5 71.4 70 6 60 100 9 40 225 12 30 400 24 15 1,600 gs - d 48 0.75 6,400 abt. 0.36 75% maximum 10% minimum 150% 3 66.7 45 5 40 125 6 33.3 180 9 22.2 405 12 16.7 720 gs - t 24 8.3 2,880 abt. 0.20 75% maximum 10% minimum 150% ordering information: gs - sh - 2 12 d type of sealing number of pole coil voltage coil sensitivity sh - plastic sealed type 2 ? two poles 3v, 5v, 6v, 9v, 12v, 24v, 48v (d type only) d - t - 0.36w 0.20w dimension: gs-sh bottom view bottom view reference data: coil power (w) operation (x10 ) current of load(a) life expectancy time (msec.) temp. rise (deg.) operate time coil power (w) coil temp. rise 4


▲Up To Search▲   

 
Price & Availability of GS-SH-203D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X